Part Number Hot Search : 
AG102 LE27ABZ MP5002S SR2050CT 447MS981 SL614 DMBT5401 CHP222PT
Product Description
Full Text Search
 

To Download 74HC245BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74HC245; 74HCT245
Octal bus tranceiver; 3-state
Rev. 03 -- 31 January 2005 Product data sheet
1. General description
The 74HC245; 74HCT245 is a high-speed Si-gate CMOS device and is pin compatible with Low-Power Schottky TTL (LSTTL). The 74HC245; 74HCT245 is an octal transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. The 74HC245; 74HCT245 features an output enable input (OE) for easy cascading and a send/receive input (DIR) for direction control. OE controls the outputs so that the buses are effectively isolated. The 74HC245; 74HCT245 is similar to the 74HC640; 74HCT640 but has true (non-inverting) outputs.
2. Features
s s s s s Octal bidirectional bus interface Non-inverting 3-state outputs Multiple package options Complies with JEDEC standard no. 7A ESD protection: x HBM EIA/JESD22-A114-B exceeds 2000 V x MM EIA/JESD22-A115-A exceeds 200 V s Specified from -40 C to +85 C and from -40 C to +125 C
3. Quick reference data
Table 1: Quick reference data GND = 0 V; Tamb = 25 C; tr = tf = 6 ns. Symbol tPHL, tPLH CI CI/O CPD Parameter propagation delay An to Bn or Bn to An input capacitance input/output capacitance power dissipation capacitance per transceiver propagation delay An to Bn or Bn to An VI = GND to VCC
[1]
Conditions CL = 15 pF; VCC = 5 V
Min -
Typ 7 3.5 10 30
Max -
Unit ns pF pF pF
Type 74HC245
Type 74HCT245 tPHL, tPLH CL = 15 pF; VCC = 5 V 10 ns
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 1: Quick reference data ...continued GND = 0 V; Tamb = 25 C; tr = tf = 6 ns. Symbol CI CI/O CPD Parameter input capacitance input/output capacitance power dissipation capacitance per transceiver VI = GND to VCC - 1.5 V
[1]
Conditions
Min -
Typ 3.5 10 30
Max -
Unit pF pF pF
[1]
CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of outputs.
4. Ordering information
Table 2: Ordering information Package Temperature range Name 74HC245N 74HC245D 74HC245PW 74HC245DB 74HC245BQ -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C DIP20 SO20 TSSOP20 SSOP20 Description plastic dual in-line package; 20 leads (300 mil) plastic small outline package; 20 leads; body width 7.5 mm Version SOT146-1 SOT163-1 Type number
plastic thin shrink small outline package; 20 leads; SOT360-1 body width 4.4 mm plastic shrink small outline package; 20 leads; body width 5.3 mm SOT339-1
DHVQFN20 plastic dual-in-line compatible thermal enhanced SOT764-1 very thin quad flat package no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm DIP20 SO20 TSSOP20 SSOP20 plastic dual in-line package; 20 leads (300 mil) plastic small outline package; 20 leads; body width 7.5 mm SOT146-1 SOT163-1
74HCT245N 74HCT245D 74HCT245PW 74HCT245DB 74HCT245BQ
-40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C
plastic thin shrink small outline package; 20 leads; SOT360-1 body width 4.4 mm plastic shrink small outline package; 20 leads; body width 5.3 mm SOT339-1
DHVQFN20 plastic dual-in-line compatible thermal enhanced SOT764-1 very thin quad flat package no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
2 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
5. Functional diagram
1
DIR OE
19
2
A0 B0 18 19 1 G3 3EN1 3EN2
3
A1 B1 17
4
A2 B2 2 16 3 B3 15 4 5 B4 14 6 7 B5 13 8 9 B6
1 2 18 17 16 15 14 13 12 11
mna175
5
A3
6
A4
7
A5
8
A6 12
9
A7 B7 11
mna174
Fig 1. Logic symbol
Fig 2. IEC logic symbol
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
3 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
6. Pinning information
6.1 Pinning
terminal 1 index area A0 A1 DIR A0 A1 A2 A3 A4 A5 A6 A7 1 2 3 4 5 6 7 8 9 20 VCC 19 OE 18 B0 17 B1 16 B2 15 B3 14 B4 13 B5 12 B6 11 B7
001aac431
2 3 4 5
20 VCC 19 OE 18 B0 17 B1 16 B2 15 B3 14 B4 13 B5 12 B6 B7 11
A2 A3 A4 A5 A6 A7
6 7 8 9 GND 10 GND(1)
245
1
DIR
245
001aac432
GND 10
Transparent top view
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as supply pin or input
Fig 3. Pin configuration DIP20, SO20, SSOP20 and TSSOP20
Fig 4. Pin configuration DHVQFN20
6.2 Pin description
Table 3: Symbol DIR A0 A1 A2 A3 A4 A5 A6 A7 GND B7 B6 B5 B4 B3 B2
9397 750 14502
Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Description direction control data input/output data input/output data input/output data input/output data input/output data input/output data input/output data input/output ground (0 V) data input/output data input/output data input/output data input/output data input/output data input/output
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
4 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Pin description ...continued Pin 17 18 19 20 Description data input/output data input/output output enable input (active LOW) supply voltage
Table 3: Symbol B1 B0 OE VCC
7. Functional description
7.1 Function table
Table 4: Input OE L L H
[1]
Function table [1] Input/output DIR L H X An A=B input Z Bn input B=A Z
H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state.
8. Limiting values
Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK IOK IO ICC, IGND Tstg Ptot Parameter supply voltage input diode current output diode current output source or sink current VCC or GND current storage temperature total power dissipation DIP20 package SO20, SSOP20, TSSOP20 and DHVQFN20 packages
[1]
[1]
Conditions VI < -0.5 V or VI > VCC + 0.5 V VO < -0.5 V or VO > VCC + 0.5 V VO = -0.5 V to VCC + 0.5 V
Min -0.5 -65 -
Max +7 20 20 35 70 +150 750 500
Unit V mA mA mA mA C mW mW
For DIP20 packages: above 70 C, Ptot derates linearly with 12 mW/K. For SO20 packages: above 70 C, Ptot derates linearly with 8 mW/K. For SSOP20 and TSSOP20 packages: above 60 C, Ptot derates linearly with 5.5 mW/K. For DHVQFN20 packages: above 60 C, Ptot derates linearly with 4.5 mW/K.
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
5 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
9. Recommended operating conditions
Table 6: Symbol VCC VI VO tr, tf Recommended operating conditions Parameter supply voltage input voltage output voltage input rise and fall times VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V Tamb VCC VI VO tr, tf Tamb ambient temperature supply voltage input voltage output voltage input rise and fall times ambient temperature VCC = 4.5 V Type 74HCT245 4.5 0 0 -40 5.0 6.0 5.5 VCC VCC 500 +125 V V V ns C Conditions Min 2.0 0 0 -40 Typ 5.0 6.0 Max 6.0 VCC VCC 1000 500 400 +125 Unit V V V ns ns ns C
Type 74HC245
10. Static characteristics
Table 7: Static characteristics type 74HC245 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VIH Parameter HIGH-level input voltage Conditions VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VIL LOW-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 2.0 V IO = -20 A; VCC = 4.5 V IO = -20 A; VCC = 6.0 V IO = -6.0 mA; VCC = 4.5 V IO = -7.8 mA; VCC = 6.0 V 1.9 4.4 5.9 3.98 5.48 2.0 4.5 6.0 4.32 5.81 V V V V V Min 1.5 3.15 4.2 Typ 1.2 2.4 3.2 0.8 2.1 2.8 Max 0.5 1.35 1.8 Unit V V V V V V Tamb = 25 C
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
6 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 7: Static characteristics type 74HC245 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VOL Parameter LOW-level output voltage Conditions VI = VIH or VIL IO = 20 A; VCC = 2.0 V IO = 20 A; VCC = 4.5 V IO = 20 A; VCC = 6.0 V IO = 6.0 mA; VCC = 4.5 V IO = 7.8 mA; VCC = 6.0 V ILI IOZ ICC CI CI/O VIH input leakage current OFF-state output current quiescent supply current input capacitance input/output capacitance HIGH-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VIL LOW-level input voltage VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 2.0 V IO = -20 A; VCC = 4.5 V IO = -20 A; VCC = 6.0 V IO = -6.0 mA; VCC = 4.5 V IO = -7.8 mA; VCC = 6.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 2.0 V IO = 20 A; VCC = 4.5 V IO = 20 A; VCC = 6.0 V IO = 6.0 mA; VCC = 4.5 V IO = 7.8 mA; VCC = 6.0 V ILI IOZ ICC input leakage current OFF-state output current quiescent supply current VI = VCC or GND; VCC = 6.0 V VI = VIH or VIL; VO = VCC or GND; VCC = 6.0 V VI = VCC or GND; IO = 0 A; VCC = 6.0 V VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
9397 750 14502
Min 1.5 3.15 4.2 1.9 4.4 5.9 3.84 5.34 -
Typ 0 0 0 0.15 0.16 3.5 10 -
Max 0.1 0.1 0.1 0.26 0.26 0.1 0.5 8.0 0.5 1.35 1.8 0.1 0.1 0.1 0.33 0.33 1.0 5.0 80
Unit V V V V V A A A pF pF V V V V V V V V V V V V V V V V A A A
VI = VCC or GND; VCC = 6.0 V VI = VIH or VIL; VO = VCC or GND; VCC = 6.0 V VI = VCC or GND; IO = 0 A; VCC = 6.0 V
Tamb = -40 C to +85 C
Tamb = -40 C to +125 C VIH HIGH-level input voltage 1.5 3.15 4.2 V V V
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
7 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 7: Static characteristics type 74HC245 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VIL Parameter LOW-level input voltage Conditions VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 2.0 V IO = -20 A; VCC = 4.5 V IO = -20 A; VCC = 6.0 V IO = -6.0 mA; VCC = 4.5 V IO = -7.8 mA; VCC = 6.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 2.0 V IO = 20 A; VCC = 4.5 V IO = 20 A; VCC = 6.0 V IO = 6.0 mA; VCC = 4.5 V IO = 7.8 mA; VCC = 6.0 V ILI IOZ ICC input leakage current OFF-state output current quiescent supply current VI = VCC or GND; VCC = 6.0 V VI = VIH or VIL; VO = VCC or GND; VCC = 6.0 V VI = VCC or GND; IO = 0 A; VCC = 6.0 V 1.9 4.4 5.9 3.7 5.2 Min Typ 0.1 0.1 0.1 0.4 0.4 1.0 10.0 160 V V V V V A A A V V V V V Max 0.5 1.35 1.8 Unit V V V
Table 8: Static characteristics type 74HCT245 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VIH VIL VOH Parameter HIGH-level input voltage LOW-level input voltage HIGH-level output voltage Conditions VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VIH or VIL; VCC = 4.5 V IO = -20 A IO = -6 mA VOL LOW-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = 20 A IO = 6.0 mA ILI IOZ input leakage current OFF-state output current VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VCC = 5.5 V; VO = VCC or GND per input pin; other inputs at VCC or GND; IO = 0 A VI = VCC or GND; IO = 0 A; VCC = 5.5 V 0 0.15 0.1 0.26 0.1 0.5 V V A A 4.4 3.98 4.5 4.32 V V Min 2.0 Typ 1.6 1.2 Max 0.8 Unit V V Tamb = 25 C
ICC
quiescent supply current
-
-
8.0
A
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
8 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 8: Static characteristics type 74HCT245 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol ICC Parameter additional quiescent supply current per input pin An or Bn inputs OE input DIR input CI CI/O VIH VIL VOH input capacitance input/output capacitance HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VIH or VIL; VCC = 4.5 V IO = -20 A IO = -6 mA VOL LOW-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = 20 A IO = 6.0 mA ILI IOZ input leakage current OFF-state output current VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VCC = 5.5 V; VO = VCC or GND per input pin; other inputs at VCC or GND; IO = 0 A VI = VCC or GND; IO = 0 A; VCC = 5.5 V VI = VCC - 2.1 V; other inputs at VI = VCC or GND; VCC = 4.5 V to 5.5 V; IO = 0 A VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VIH or VIL; VCC = 4.5 V IO = -20 A IO = -6 mA VOL LOW-level output voltage VI = VIH or VIL; VCC = 4.5 V IO = 20 A IO = 6.0 mA ILI IOZ input leakage current OFF-state output current VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VCC = 5.5 V; VO = VCC or GND per input pin; other inputs at VCC or GND; IO = 0 A 0.1 0.4 1.0 10 V V A A 4.4 3.7 V V 2.0 180 675 405 0.8 A A A V V 0.1 0.33 1.0 5.0 V V A A 4.4 3.84 V V Conditions VI = VCC - 2.1 V; other inputs at VI = VCC or GND; VCC = 4.5 V to 5.5 V; IO = 0 A 2.0 40 150 90 3.5 10 144 540 324 0.8 A A A pF pF V V Min Typ Max Unit
Tamb = -40 C to +85 C
ICC ICC
quiescent supply current additional quiescent supply current per input pin An or Bn inputs OE input DIR input
-
-
80
A
Tamb = -40 C to +125 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
9 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 8: Static characteristics type 74HCT245 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol ICC ICC Parameter quiescent supply current additional quiescent supply current per input pin An or Bn inputs OE input DIR input Conditions VI = VCC or GND; IO = 0 A; VCC = 5.5 V VI = VCC - 2.1 V; other inputs at VI = VCC or GND; VCC = 4.5 V to 5.5 V; IO = 0 A 196 735 441 A A A Min Typ Max 160 Unit A
11. Dynamic characteristics
Table 9: Dynamic characteristics type 74HC245 GND = 0 V; test circuit see Figure 7. Symbol tPHL, tPLH Parameter Conditions Min Typ Max Unit Tamb = 25 C propagation delay An to Bn or Bn see Figure 5 to An VCC = 2.0 V VCC = 4.5 V VCC = 5.0 V; CL = 15 pF VCC = 6.0 V tPZH, tPZL 3-state output enable time OE to An or OE to Bn see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tPHZ, tPLZ 3-state output disable time OE to An or OE to Bn see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tTHL, tTLH output transition time see Figure 5 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V CPD power dissipation capacitance per transceiver VI = GND to VCC
[1]
-
25 9 7 7 30 11 9 41 15 12 14 5 4 30
90 18 15 150 30 26 150 30 26 60 12 10 -
ns ns ns ns ns ns ns ns ns ns ns ns ns pF
Tamb = -40 C to +85 C tPHL, tPLH propagation delay An to Bn or Bn see Figure 5 to An VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V 115 23 20 ns ns ns
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
10 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 9: Dynamic characteristics type 74HC245 ...continued GND = 0 V; test circuit see Figure 7. Symbol tPZH, tPZL Parameter 3-state output enable time OE to An or OE to Bn Conditions see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tPHZ, tPLZ 3-state output disable time OE to An or OE to Bn see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tTHL, tTLH output transition time see Figure 5 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V Tamb = -40 C to +125 C tPHL, tPLH propagation delay An to Bn or Bn see Figure 5 to An VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tPZH, tPZL 3-state output enable time OE to An or OE to Bn see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tPHZ, tPLZ 3-state output disable time OE to An or OE to Bn see Figure 6 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V tTHL, tTLH output transition time see Figure 5 VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
[1] CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of outputs.
Min -
Typ -
Max 190 38 33 190 38 33 75 15 13
Unit ns ns ns ns ns ns ns ns ns
-
-
135 27 23 225 45 38 225 45 38 90 18 15
ns ns ns ns ns ns ns ns ns ns ns ns
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
11 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
Table 10: Dynamic characteristics type 74HCT245 GND = 0 V; test circuit see Figure 7. Symbol tPHL, tPLH Parameter Conditions Min Typ Max Unit Tamb = 25 C propagation delay An to Bn or Bn see Figure 5 to An VCC = 4.5 V VCC = 5.0 V; CL = 15 pF tPZH, tPZL tPHZ, tPLZ tTHL, tTLH CPD 3-state output enable time OE to An or OE to Bn 3-state output disable time OE to An or OE to Bn output transition time power dissipation capacitance per transceiver VCC = 4.5 V; see Figure 6 VCC = 4.5 V; see Figure 6 VCC = 4.5 V; see Figure 5 VI = GND to VCC - 1.5 V
[1]
-
12 10 16 16 5 30
22 30 30 12 -
ns ns ns ns ns pF
Tamb = -40 C to +85 C tPHL, tPLH tPZH, tPZL tPHZ, tPLZ tTHL, tTLH tPHL, tPLH tPZH, tPZL tPHZ, tPLZ tTHL, tTLH
[1]
propagation delay An to Bn or Bn VCC = 4.5 V; see Figure 5 to An 3-state output enable time OE to An or OE to Bn 3-state output disable time OE to An or OE to Bn output transition time VCC = 4.5 V; see Figure 6 VCC = 4.5 V; see Figure 6 VCC = 4.5 V; see Figure 5
-
-
28 38 38 15 33 45 45 18
ns ns ns ns ns ns ns ns
Tamb = -40 C to +125 C propagation delay An to Bn or Bn VCC = 4.5 V; see Figure 5 to An 3-state output enable time OE to An or OE to Bn 3-state output disable time OE to An or OE to Bn output transition time VCC = 4.5 V; see Figure 6 VCC = 4.5 V; see Figure 6 VCC = 4.5 V; see Figure 5
CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of outputs.
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
12 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
12. Waveforms
VI An, Bn input GND t PHL VOH Bn, An output VOL t THL VM VM 10 % t TLH
001aac433
VM
VM
t PLH 90 %
Measurement points are given in Table 11. VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5. Input (An, Bn) to output (Bn, An) propagation delays and output transition times
tr VI OE input GND VCC 10 % tPLZ output LOW-to-OFF OFF-to-LOW VOL tPHZ output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled VOH 90 % 90 % VM
tf
tPZL
VM 10 % tPZH
VM
outputs enabled
001aac479
Measurement points are given in Table 11. VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6. 3-state output enable and disable times Table 11: Type 74HC245 74HCT245 Measurement points Input VM 0.5VCC 1.3 V Output VM 0.5VCC 1.3 V
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
13 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
VCC VI D.U.T RT CL VO RL = 1 k
VCC
PULSE GENERATOR
open 50 pF
mgk563
Test data is given in Table 12. Definitions test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistor.
Fig 7. Load circuitry for switching times Table 12: Type 74HC245 74HCT245 Test data Input VI VCC 3V tr, tf 6 ns 6 ns Test tPHL, tPLH open open tPZH, tPHZ GND GND tPZL, tPLZ VCC VCC
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
14 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
13. Package outline
DIP20: plastic dual in-line package; 20 leads (300 mil) SOT146-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 20 11 MH wM (e 1)
pin 1 index E
1
10
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 4.2 0.17 A1 min. 0.51 0.02 A2 max. 3.2 0.13 b 1.73 1.30 0.068 0.051 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D
(1)
E
(1)
e 2.54 0.1
e1 7.62 0.3
L 3.60 3.05 0.14 0.12
ME 8.25 7.80 0.32 0.31
MH 10.0 8.3 0.39 0.33
w 0.254 0.01
Z (1) max. 2 0.078
26.92 26.54 1.060 1.045
6.40 6.22 0.25 0.24
Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT146-1 REFERENCES IEC JEDEC MS-001 JEITA SC-603 EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-13
Fig 8. Package outline SOT146-1 (DIP20)
9397 750 14502 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
15 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 A1 pin 1 index Lp L 1 e bp 10 wM detail X (A 3) A
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 2.65 0.1 A1 0.3 0.1 A2 2.45 2.25 A3 0.25 0.01 bp 0.49 0.36 c 0.32 0.23 D (1) 13.0 12.6 0.51 0.49 E (1) 7.6 7.4 0.30 0.29 e 1.27 0.05 HE 10.65 10.00 L 1.4 Lp 1.1 0.4 Q 1.1 1.0 0.043 0.039 v 0.25 0.01 w 0.25 0.01 y 0.1 Z
(1)
0.9 0.4
0.012 0.096 0.004 0.089
0.019 0.013 0.014 0.009
0.419 0.043 0.055 0.394 0.016
0.035 0.004 0.016
8 o 0
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT163-1 REFERENCES IEC 075E04 JEDEC MS-013 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 9. Package outline SOT163-1 (SO20)
9397 750 14502 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
16 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1
D
E
A X
c y HE vMA
Z 20 11
Q A2 pin 1 index A1 (A 3) Lp L 1 e bp 10 wM detail X A
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 7.4 7.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 0.9 0.5 8 o 0
o
Note 1. Plastic or metal protrusions of 0.2 mm maximum per side are not included. OUTLINE VERSION SOT339-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
Fig 10. Package outline SOT339-1 (SSOP20)
9397 750 14502 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
17 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
D
E
A
X
c y HE vMA
Z
20
11
Q A2 pin 1 index A1 (A 3) A
Lp L
1
e bp
10
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 6.6 6.4 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.5 0.2 8 o 0
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT360-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-19
Fig 11. Package outline SOT360-1 (TSSOP20)
9397 750 14502 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
18 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT764-1 20 terminals; body 2.5 x 4.5 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 9 vMCAB wM C y1 C
C y
1 Eh 20
10 e 11
19 Dh 0
12 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 4.6 4.4 Dh 3.15 2.85 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 3.5 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT764-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
Fig 12. Package outline SOT764-1 (DHVQFN20)
9397 750 14502 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
19 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
14. Revision history
Table 13: Revision history Release date 20050131 Data sheet status Product data sheet Change notice Doc. number 9397 750 14502 Supersedes 74HC_HCT245_CNV_2 Document ID 74HC_HCT245_3 Modifications:
* *
The format of this data sheet is redesigned to comply with the new presentation and information standard of Philips Semiconductors Section 4 "Ordering information", Section 6 "Pinning information" and Section 13 "Package outline" are modified to include the DHVQFN20 package. Product specification -
74HC_HCT245_CNV_2
19930930
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
20 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
15. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
16. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
17. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
18. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14502
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 31 January 2005
21 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
19. Contents
1 2 3 4 5 6 6.1 6.2 7 7.1 8 9 10 11 12 13 14 15 16 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 5 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 Recommended operating conditions. . . . . . . . 6 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . 10 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 20 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 21 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Contact information . . . . . . . . . . . . . . . . . . . . 21
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 31 January 2005 Document number: 9397 750 14502
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of 74HC245BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X